Part Number Hot Search : 
25PPM 00600 00600 00600 AP1004 00600 AP1004 1N5236UR
Product Description
Full Text Search
 

To Download ITR20510-TR8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Data Sheet Opto Interrupter
ITR20510/TR8
Features
Fast response time High sensitivity Cut-Off visible wavelength Thin Compact Pb free This product itself will remain within RoHS compliant version.
Descriptions ITR20510/TR8 is a light reflection switch
which includes a GaAs IR-LED transmitter and a NPN photo-transistor with a high photosensitive receiver for short distance, operating in the infrared range. Both components are mounted side- by- side in a plastic package.
Applications
Camera VCR Floppy disk driver Cassette type recorder Various microcomputer control equipment
Device Selection Guide
Device No. IR PT Chip Material GaAs Silicon
Everlight Electronics Co., Ltd. Device NoDRX-205-139
http:\\www.everlight.com Prepared date:2006/04/06
Rev 1 Page: 1 of 10 Prepared by: Carryll Hsu
Technical Data Sheet Opto Interrupter
ITR20510/TR8
Package Dimensions
Notes: 1.All dimensions are in millimeters 2.Tolerances unless dimensions 0.15mm
Everlight Electronics Co., Ltd. Device NoDRX-205-139
http:\\www.everlight.com Prepared date:2006/04/06
Rev 1 Page: 2 of 10 Prepared by: Carryll Hsu
Technical Data Sheet Opto Interrupter
ITR20510/TR8
Absolute Maximum Ratings (Ta=25)
Parameter Power Dissipation at(or below) 25 Free Air Temperature Input Reverse Voltage Forward Current Peak Forward Current (*1) Pulse width 100s, Duty cycle=1% Collector Power Dissipation Output Collector Current Collector-Emitter Voltage Emitter-Collector Voltage Operating Temperature Storage Temperature Lead Soldering Temperature (*2) (1) tw=100 sec. , T=10 msec. (2) Symbol Pd VR IF IFP PC IC B VCEO B VECO Topr Tstg Tsol t=5 Sec Ratings 75 5 50 1 75 50 30 5 -25~+85 -30~+90 260 Unit mW V mA A mW mA V V
Electro-Optical Characteristics (Ta=25)
Parameter Input Forward Voltage Reverse Current Peak Wavelength Dark Current Output C-E Saturation Voltage Light Current Transfer Characteristics Leakage Current Rise time Fall time Symbol VF IR P ICEO VCE(sat) IC(ON) Min. ----------0.1 ------Typ.
Max. 1.6 10 --100 0.4 --1 -----
Unit V A nm nA V mA A sec sec
Conditions IF=20mA VR=5V --VCE=10V IC=2mA ,Ee=1mW/cm2 VCE=5V IF=20mA VCE=2V IC=100A RL=1K
1.2 --940 -----
----20 20
ICEOD
tr tf
Everlight Electronics Co., Ltd. Device NoDRX-205-139
http:\\www.everlight.com Prepared date:2006/04/06
Rev 1 Page: 3 of 10 Prepared by: Carryll Hsu
Technical Data Sheet Opto Interrupter
ITR20510/TR8
Typical Electrical/Optical/Characteristics Curves for IR
Everlight Electronics Co., Ltd. Device NoDRX-205-139
http:\\www.everlight.com Prepared date:2006/04/06
Rev 1 Page: 4 of 10 Prepared by: Carryll Hsu
Technical Data Sheet Opto Interrupter
ITR20510/TR8
Typical Electro/Optical/Characteristics Curves for PT
Everlight Electronics Co., Ltd. Device NoDRX-205-139
http:\\www.everlight.com Prepared date:2006/04/06
Rev 1 Page: 5 of 10 Prepared by: Carryll Hsu
Technical Data Sheet Opto Interrupter
ITR20510/TR8
Typical Electrical/Optical/Characteristics Curves For ITR
(
(k )
Everlight Electronics Co., Ltd. Device NoDRX-205-139
http:\\www.everlight.com Prepared date:2006/04/06
Rev 1 Page: 6 of 10 Prepared by: Carryll Hsu
Technical Data Sheet Opto Interrupter
ITR20510/TR8
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below. Confidence level90% LTPD10% NO. Item Test Conditions Test Hours/ Sample Cycles Sizes 10secs 22pcs 22pcs IRUx2 EeLx0.8 VFUx1.2 UUpper 22pcs 22pcs 22pcs 22pcs Specification Limit LLower Specification Limit 0/1 0/1 0/1 0/1 Failure Judgement Criteria Ac/Re
1 Solder Heat
TEMP.2605
0/1 0/1
2 Temperature Cycle H : +85 L : -30 3 Thermal Shock H :+85 L :-10 4 High Temperature Storage 5 Low Temperature Storage
30mins 50Cycles 5mins 30mins 5mins 50Cycles 10secs 5mins 1000hrs 1000hrs 1000hrs 1000hrs
22pcs
0/1
TEMP.+90 TEMP.-30
6 DC Operating Life IF=20mA 7 High Temperature/ 85 / 85% R.H High Humidity
Everlight Electronics Co., Ltd. Device NoDRX-205-139
http:\\www.everlight.com Prepared date:2006/04/06
Rev 1 Page: 7 of 10 Prepared by: Carryll Hsu
Technical Data Sheet Opto Interrupter
ITR20510/TR8
Recommended Method of Storage
The following are general recommendations for moisture sensitive level (MSL) 4 storage and use: Shelf life in sealed bag: 12 months at < 40 C and < 90% relative humidity (RH) After bag is opened, devices that will be subjected to reflow solder or other high temperature process must a) Mounted within 72 hours of factory conditions < 30 C/60%RH, or b) Stored at <20% RH Devices require bake, before mounting, if: Humidity Indicator Card is > 20% when read at 23 5 C If baking is required, devices may be baked: a) 192 hours at 40,and <5% RH(dry air/nitrogen) or b) 96 hours at 60,and <5% RH for all device containers c) 24 hours at 125 C Soldering Condition a) Pb-free solder temperature profile
b) Reflow soldering should not be done more than two times. c) When soldering, do not put stress on the LEDs during heating. d) After soldering, do not warp the circuit board. Repairing Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
Everlight Electronics Co., Ltd. Device NoDRX-205-139
http:\\www.everlight.com Prepared date:2006/04/06
Rev 1 Page: 8 of 10 Prepared by: Carryll Hsu
Technical Data Sheet Opto Interrupter
ITR20510/TR8
Taping Dimension
Progressive direction
General Tolerance 0.1 UNIT:mm
Reel Dimensions
Note: The tolerances unless mentioned is 0.1mm ,Unit = mm
Moisture Resistant Packaging
Label
Aluminum moisture-proof bag
Desiccant
Label
Everlight Electronics Co., Ltd. Device NoDRX-205-139
http:\\www.everlight.com Prepared date:2006/04/06
Rev 1 Page: 9 of 10 Prepared by: Carryll Hsu
Technical Data Sheet Opto Interrupter
ITR20510/TR8
Packing Quantity Specification
1. 500 Pcs/ 1Reel 2. 15 Reel /1 Box 3. 2 Box/ 1 Carton
Label Form Specification
CPN: Customer's Production Number P/N : Production Number QTY: Packing Quantity CAT: None HUE: None REF: Reference LOT No: Lot Number MADE IN TAIWAN: Production Place
RoHS
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
Everlight Electronics Co., Ltd. Device NoDRX-205-139
http:\\www.everlight.com Prepared date:2006/04/06
Rev 1 Page: 10 of 10 Prepared by: Carryll Hsu


▲Up To Search▲   

 
Price & Availability of ITR20510-TR8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X